Part Number Hot Search : 
IRF7328 M050B CMLM0605 H4N12 UC843B MSC80914 90N10 2SC6037J
Product Description
Full Text Search
 

To Download NPIS35L100MTRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  52 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com npis_l series npis shielded power inductors case size l w h max. e e f npis30l 3.0 0.1 3.0 0.1 1.0 0.9 0.2 - 1.9 0.2 npis32l 3.0 0.1 3.0 0.1 1.2 - npis35l 3.0 0.1 3.0 0.1 1.5 - npis40l 4.0 0.2 4.0 0.2 1.0 1.1 0.2 - 2.5 0.2 npis42l 4.0 0.2 4.0 0.2 1.2 - npis48l 4.0 0.2 4.0 0.2 1.8 - npis62l 6.0 0.2 6.0 0.2 1.2 1.35 0.2 0.3 0.2 4.0 0.2 npis60l 6.0 0.2 6.0 0.2 2.0 npis65l 6.0 0.2 6.0 0.2 4.5 npis80l 8.0 0.2 8.0 0.2 4.0* 1.6 0.3 - 5.6 0.3 dimensions (mm) features ? shielded power inductor ? ultra low profile (1.0 ~ 4.5mm max. height) ? surface mountable construction ? inductance values up to 220 h ? taped and reeled for automatic insertion case size npis30l npis32l npis35l npis40l npis42l npis48l npis62l npis60l npis65l npis80l inductance range 1.0 ~ 47 h 1.0 ~ 47 h 1.0 ~ 47 h 1.0 ~ 47 h 1.0 ~ 47 h 1.0 ~ 220 h 2.5 ~ 100 h 0.8 ~ 10 h 1.0 ~ 100 h 0.9 ~ 100 h temperature range -25c ~ +120c* temperatrue rise at i rms +40c max. inductance change at i sat - 30% max. inductance tolerance 20% (m), 30% (y) resistance to solder heat 255c for 10 seconds characteristics part number standard values - case size (3.0 x 3.0 x 1.0mm) inductance value ( h) dc resistance ( ) 20% dc current isat (amps) dc current irms (amps) test frequency npis30l1r0ytrf 1.0 30% 0.065 1.30 1.40 100khz npis30l1r5ytrf 1.5 30% 0.080 1.20 1.30 npis30l2r2mtrf 2.2 20% 0.095 1.10 1.10 npis30l3r3mtrf 3.3 20% 0.14 0.87 0.94 npis30l4r7mtrf 4.7 20% 0.19 0.75 0.78 npis30l6r8mtrf 6.8 20% 0.30 0.61 0.63 npis30l100mtrf 10 20% 0.45 0.50 0.51 npis30l150mtrf 15 20% 0.74 0.40 0.40 npis30l220mtrf 22 20% 1.03 0.35 0.35 npis30l330mtrf 33 20% 1.55 0.26 0.275 npis30l470mtrf 47 20% 2.05 0.22 0.235 maximum +40c temperature rise at irms. maximum -30% inductance change at isat. npis 30 l 150 m tr f termination finish: f = rohs compliant (snagcu) packaging: tr = tape & reel inductance tolerance code: m=20%, y=30% inductance code ( h): 1st two digits are signi? cant, 3rd digit is multiplier. construction code (see drawing for details) size code (see table for details) series part number system rohs compliant includes all homogeneous materials *see part number system for details new! *ambient plus temperature rise npis30l, 32l, 35l, 40l, 42l, 48l & 80l npis62, 60l & 65l *npis80l 0.9 h - 6r8 h is 4.2mm height
53 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com part number standard values - case size 30 (3.0 x 3.0 x 1.2mm) inductance value ( h) dc resistance ( ) 20% dc current isat (amps) dc current irms (amps) test frequency npis32l1r0ytrf 1.0 30% 0.05 1.50 1.49 100khz npis32l1r5ytrf 1.5 30% 0.06 1.36 1.40 npis32l2r2mtrf 2.2 20% 0.08 1.10 1.20 npis32l3r3mtrf 3.3 20% 0.10 0.91 1.05 npis32l4r7mtrf 4.7 20% 0.13 0.77 0.98 npis32l6r8mtrf 6.8 20% 0.19 0.67 0.74 npis32l100mtrf 10 20% 0.29 0.54 0.63 npis32l150mtrf 15 20% 0.45 0.44 0.485 npis32l220mtrf 22 20% 0.63 0.375 0.42 npis32l330mtrf 33 20% 1.03 0.31 0.33 npis32l470mtrf 47 20% 1.45 0.25 0.28 part number standard values - case size (3.0 x 3.0 x 1.5mm) inductance value ( h) dc resistance ( ) 20% dc current isat (amps) dc current irms (amps) test frequency npis35l1r0ytrf 1.0 30% 0.03 2.10 2.10 100khz npis35l1r5ytrf 1.5 30% 0.04 1.80 1.82 npis35l2r2mtrf 2.2 20% 0.06 1.48 1.50 npis35l3r3mtrf 3.3 20% 0.08 1.21 1.23 npis35l4r7mtrf 4.7 20% 0.12 1.02 1.04 npis35l6r8mtrf 6.8 20% 0.16 0.87 0.88 NPIS35L100MTRF 10 20% 0.23 0.70 0.71 npis35l150mtrf 15 20% 0.36 0.56 0.56 npis35l220mtrf 22 20% 0.52 0.47 0.47 npis35l330mtrf 33 20% 0.84 0.39 0.37 npis35l470mtrf 47 20% 1.34 0.32 0.30 part number standard values - case size (4.0 x 4.0 x 1.0mm) inductance value ( h) dc resistance ( ) 20% dc current isat (amps) dc current irms (amps) test frequency npis40l1r0ytrf 1.0 30% 0.10 1.80 1.05 100khz npis40l2r2ytrf 2.2 30% 0.15 1.15 0.89 npis40l3r3mtrf 3.3 20% 0.18 1.10 0.82 npis40l4r7mtrf 4.7 20% 0.21 0.90 0.75 npis40l6r8mtrf 6.8 20% 0.30 0.74 0.62 npis40l100mtrf 10 20% 0.38 0.56 0.60 npis40l150mtrf 15 20% 0.51 0.47 0.51 npis40l220mtrf 22 20% 0.87 0.36 0.40 npis40l330mtrf 33 20% 1.54 0.28 0.30 npis40l470mtrf 47 20% 1.81 0.24 0.28 npis_l series npis shielded power inductors maximum +40c temperature rise at irms. maximum -30% inductance change at isat. maximum +40c temperature rise at irms. maximum -30% inductance change at isat. maximum +40c temperature rise at irms. maximum -30% inductance change at isat.
54 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com part number standard values - case size (4.0 x 4.0 x 1.2mm) inductance value ( h) dc resistance ( ) 20% dc current isat (amps) dc current irms (amps) test frequency npis42l1r0ytrf 1.0 30% 0.06 2.50 1.50 100khz npis42l2r2mtrf 2.2 20% 0.09 1.65 1.20 npis42l3r3mtrf 3.3 20% 0.13 1.20 0.98 npis42l4r7mtrf 4.7 20% 0.14 1.05 0.96 npis42l6r8mtrf 6.8 20% 0.18 0.90 0.84 npis42l100mtrf 10 20% 0.24 0.74 0.77 npis42l150mtrf 15 20% 0.40 0.56 0.60 npis42l220mtrf 22 20% 0.48 0.51 0.54 npis42l330mtrf 33 20% 0.81 0.40 0.42 npis42l470mtrf 47 20% 1.00 0.35 0.37 npis_l series npis shielded power inductors maximum +40c temperature rise at irms. maximum -30% inductance change at isat. maximum +40c temperature rise at irms. maximum -30% inductance change at isat. maximum +40c temperature rise at irms. maximum -30% inductance change at isat. part number standard values - case size (4.0 x 4.0 x 1.8mm) inductance value ( h) dc resistance ( ) 20% dc current isat (amps) dc current irms (amps) test frequency npis48l1r0ytrf 1.0 30% 0.03 4.00 1.83 100khz npis48l2r2mtrf 2.2 20% 0.06 2.70 1.44 npis48l3r3mtrf 3.3 20% 0.07 2.00 1.23 npis48l4r7mtrf 4.7 20% 0.09 1.70 1.20 npis48l6r8mtrf 6.8 20% 0.11 1.45 1.06 npis48l100mtrf 10 20% 0.18 1.20 0.84 npis48l150mtrf 15 20% 0.25 0.94 0.65 npis48l220mtrf 22 20% 0.36 0.80 0.59 npis48l330mtrf 33 20% 0.53 0.65 0.49 npis48l470mtrf 47 20% 0.65 0.57 0.42 npis48l680mtrf 68 20% 1.00 0.47 0.32 npis48l101mtrf 100 20% 1.50 0.40 0.27 npis48l151mtrf 150 20% 2.50 0.31 0.22 npis48l221mtrf 220 20% 4.00 0.27 0.17 part number standard values - case size (6.0 x 6.0 x 1.2mm) inductance value ( h) dc resistance ( ) 20% dc current isat (amps) dc current irms (amps) test frequency npis62l2r5ytrf 2.5 30% 0.09 2.10 1.73 100khz npis62l4r0ytrf 4.0 30% 0.105 1.80 1.57 npis62l5r3mtrf 5.3 20% 0.110 1.50 1.40 npis62l6r8mtrf 6.8 20% 0.165 1.30 1.18 npis62l100mtrf 10 20% 0.235 1.00 1.00 npis62l150mtrf 15 20% 0.33 0.80 0.79 npis62l220mtrf 22 20% 0.53 0.76 0.63 npis62l330mtrf 33 20% 0.70 0.59 0.53 npis62l470mtrf 47 20% 1.05 0.52 0.46 npis62l680mtrf 68 20% 1.35 0.44 0.41 npis62l101mtrf 100 20% 2.18 0.35 0.32
55 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com npis shielded power inductors npis_l series part number standard values - case size (6.0 x 6.0 x 2.0mm) inductance value ( h) dc resistance ( ) 30% dc current isat (amps) dc current irms (amps) test frequency npis60l0r8ytrf 0.8 30% 0.02 5.50 3.80 100khz npis60l1r5ytrf 1.5 30% 0.026 4.00 3.20 npis60l2r2ytrf 2.2 30% 0.034 3.20 2.70 npis60l3r3ytrf 3.3 30% 0.040 2.80 2.60 npis60l4r7ytrf 4.7 30% 0.058 2.40 2.00 npis60l6r8ytrf 6.8 30% 0.085 2.00 1.80 npis60l100mtrf 10 20% 0.125 1.70 1.40 part number standard values - case size (6.0 x 6.0 x 4.5mm) inductance value ( h) dc resistance ( ) 30% dc current isat (amps) dc current irms (amps) test frequency npis65l1r0ytrf 1.0 30% 0.014 8.50 4.20 100khz npis65l1r3ytrf 1.3 30% 0.016 8.00 4.00 npis65l1r8ytrf 1.8 30% 0.018 7.00 3.70 npis65l2r3ytrf 2.3 30% 0.021 6.00 3.50 npis65l3r0ytrf 3.0 30% 0.024 5.00 3.20 npis65l4r5mtrf 4.5 20% 0.031 4.00 3.00 npis65l6r3mtrf 6.3 20% 0.038 3.80 2.80 npis65l100mtrf 10 20% 0.047 3.00 2.50 npis65l150mtrf 15 20% 0.077 2.30 1.90 npis65l220mtrf 22 20% 0.115 1.90 1.50 npis65l330mtrf 33 20% 0.145 1.50 1.40 npis65l470mtrf 47 20% 0.220 1.30 1.10 npis65l680mtrf 68 20% 0.330 1.00 0.90 npis65l101mtrf 100 20% 0.500 0.80 0.70 maximum +40c temperature rise at irms. maximum -30% inductance change at isat. maximum +40c temperature rise at irms. maximum -30% inductance change at isat. part number standard values - case size (8.0 x 8.0 x 4.0mm) inductance value ( h) dc resistance ( ) 30% dc current isat (amps) dc current irms (amps) test frequency npis80l0r9ytrf 0.9 30% 0.006 11.0 7.80 100khz npis80l1r4ytrf 1.4 30% 0.007 9.00 7.00 npis80l2r0ytrf 2.0 30% 0.009 7.40 6.30 npis80l3r6ytrf 3.6 30% 0.015 5.30 4.90 npis80l4r7ytrf 4.7 30% 0.018 4.70 4.10 npis80l6r8ytrf 6.8 30% 0.025 4.00 3.70 npis80l100mtrf 10 20% 0.034 3.40 3.10 npis80l150mtrf 15 20% 0.050 2.70 2.40 npis80l220mtrf 22 20% 0.066 2.20 2.20 npis80l330mtrf 33 20% 0.100 1.90 1.70 npis80l470mtrf 47 20% 0.150 1.50 1.40 npis80l680mtrf 68 20% 0.230 1.20 1.10 npis80l101mtrf 100 20% 0.290 1.00 1.00 maximum +40c temperature rise at irms. maximum -30% inductance change at isat.
56 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com case size land pattern dimensions (mm) lgh npis30l, 32l & 35l 2.2 0.8 2.7 npis40l, 42l & 48l 2.8 1.2 3.7 npis62l, 60l & 65l 4.7 1.6 5.7 npis80l 5.6 1.8 7.5 reflow soldering profile soldering 255c max. 5 seconds max. cool down 60 ~ 120 sec. 25 50 100 150 200 250 300 pre-heat 150c ~ 180c time above 230c 40 seconds max. 30 60 90 120 150 180 210 240 270 300 time - seconds temperature c case size reel qty carrier tape dimensions (mm) wa0b0cok0po t npis30l 2,000 8.0 0.20 3.2 0.10 3.2 0.10 3.5 0.10 1.4 0.10 4.0 0.10 0.3 0.05 npis32l 1.6 0.10 npis35l 1.9 0.10 npis40l 5,000 12.0 0.30 4.3 0.10 4.3 0.10 5.5 0.10 1.4 0.10 8.0 0.10 npis42l 4,500 1.6 0.10 npis48l 3,500 2.1 0.10 npis62l 1,000 6.3 0.10 6.3 0.10 1.6 0.10 0.4 0.10 npis60l 2,500 2.3 0.10 npis65l 1,500 4.7 0.10 npis80l 1,000 16.0 0.30 8.3 0.10 8.3 0.10 7.5 0.10 4.5 0.10 12.0 0.10 0.5 0.10 case size tape width reel dimensions (mm) a(mm) b(mm) c(mm) d(mm) npis30l 8.0 10.0 1.5 60 1.0 13.0 0.5 180 3.0 npis32l npis35l npis40l 12.0 13.5 1.0 80 2.0 330 3.0 npis42l npis48l npis62l 14.0 1.5 60 2.0 180 3.0 npis60l 13.5 1.0 80 2.0 330 3.0 npis65l npis80l 16.0 17.5 1.0 b c d a w co ao po ko 1.5mm 0.1 4.0mm 0.1 1.75mm 0.1 t bo l h g g npis shielded power inductors npis_l series


▲Up To Search▲   

 
Price & Availability of NPIS35L100MTRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X